전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPR336F0.03J 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BPR336F0.03J
상세설명  Square metal plate resistor Rectangular Type Metal Plate Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

BPR336F0.03J 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BPR336F0.03J Datasheet HTML 1Page - List of Unclassifed Manufacturers BPR336F0.03J Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
本カタログに掲載の仕様は予告なく変更する場合があります。御注文及び御使用前に、納入仕様書などで内容を御確認下さい。
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
CURRENT SENSING
BPR 角形金属板抵抗器
Rectangular Type Metal Plate Resistors
■構造図 Construction
■外形寸法及び定格 Dimensions and Ratings
■品名構成 Type Designation
例 Example
外装:セラミックケース Case:Ceramic
表示:文字表示 Marking:Alpha/Numeric
■特長 Features
●
電力形の電流検出用抵抗器です。
●
セラミックケース入りの難燃性抵抗器です。
●
端子5mmピッチの自動挿入が可能です。
(26type, 58type)
●
低インダクタンス。
●
占有面積が小さい。
●
Power type resistor.
●
Flame retardant resistors in Ceramic Case.
●
Automatic insertion is applicable.
(26type,58type)
●
Low inductance.
●
Space saving.
■負荷軽減曲線 Derating Curve
■ラジアルテーピング Radial Taping〔参考〕
BPR
6
F
0.22Ω
品 種
Product
Code
リード線径
Lead Wire
Diameter
6:φ0.6mm
8:φ0.8mm
8:φ0.8mm
規定なし
Not
Specified
公称抵抗値
Nominal
Resistance
二次加工
Taping & Forming
空欄:ストレート
Nil:Straight lead
F:フォーミング
F:Forming
FT:ラジアルテーピング
(BPR26FT,58FTのみ)
FT:Radial taping
(BPR26FT,58FT only)
2
定格電力
Power
Rating
2:2W
3:3W
5:5W
10:10W
22:2W+2W
33:3W+3W
55:5W+5W
77:7W+7W
J
抵抗値許容差
Resistance
Tolerance
J:±5%
K :±10%
① セラミックケース  Ceramic case
② セメント      Cement
③ 抵抗体       Resistive element
④ リード線      Lead wire 
①
③
②
④
周囲温度 Ambient temperature(℃)
-40
20
0
40
60
80
100
-20 0
20 40 60
-60
80
70
235
100 120 140 160 180 200 220 240
■定格 Rating
形名
定格電力
抵抗値範囲
抵抗温度係数
寸  法
Weight
Type
Power
Resistance Range(Ω)
T.C.R.
Dimensions(mm)
Rating
J: ±5% (E12)
K: ±10% (E12)
(ppm/℃)
A
B
C±1
d±0.1
P±1
(g/1,000pcs)
BPR26F
2W
0.01
0.01∼0.68
8.5±1.0
13.0±1.0
4.0
1,190
BPR36F
3W
0.1∼0.68
13.0±1.0
14.0±1.0
5.0
0.6
2,160
BPR56F
5W
0.01 , 0.1∼1.0
0.01∼1.0
18.0±1.0
9.0
3,360
BPR28F
2W
0.01
0.01∼0.68
8.5±1.0
13.0±1.0
4.0
1,220
BPR38F
3W
0.1∼0.68
±350
13.0±1.0
14.0±1.0
2,240
BPR58F
5W
0.01 , 0.1∼1.0
0.01∼1.0
18.0±1.0
3,470
BPR108F
10W
―
0.05 , 0.1∼1.0
17.0±1.5
20.0
5,560
BPR22F
2W+2W
9.5±1.5
0.8
2,980
BPR33F
3W+3W
0.05 , 0.1
0.03∼0.56
13.0±1.5
26.0±1.5
5.0
10.0
4,040
BPR55F
5W+5W
0.22∼0.56
17.0±1.5
5,830
BPR77F
7W+7W
20.0±1.8
7,060
周囲温度70℃以上で使用される場合は、上図に示す負荷軽減曲線に従って、
定格電力を軽減して御使用下さい。
For resistors operated in ambient temperature over 70℃, power rating shall
be derated in accordance with the above figure.
定格周囲温度 Rated Ambient Temperature :+70℃
使用温度範囲 Operating Temperature Range :−40℃∼+200℃
25.4±1.0
12.7±0.3
5±0.5
φ4.0±0.2
定格電圧は 定格電力×公称抵抗値となります。
Rated voltage= Power Rating×Resistance value
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄
√ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄ ̄


유사한 부품 번호 - BPR336F0.03J

제조업체부품명데이터시트상세설명
logo
TT Electronics.
BPR3 TTELEC-BPR3 Datasheet
596Kb / 2P
3W to 50W Planar Shock
BPR3 TTELEC-BPR3 Datasheet
308Kb / 2P
3W to 50W Planar Shock / Vibration Proof High Power Resistors
01.16
BPR30 TTELEC-BPR30 Datasheet
596Kb / 2P
3W to 50W Planar Shock
BPR30 TTELEC-BPR30 Datasheet
308Kb / 2P
3W to 50W Planar Shock / Vibration Proof High Power Resistors
01.16
logo
Bi technologies
BPR30500F BITECH-BPR30500F Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
More results

유사한 설명 - BPR336F0.03J

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
KOA Speer Electronics, ...
BPR26CFT KOA-BPR26CFT Datasheet
94Kb / 3P
rectangular type metal plate resistors
TLRH2H KOA-TLRH2H Datasheet
84Kb / 2P
metal plate chip type lowresistance resistors
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
KOA Speer Electronics, ...
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
rectangular type metal plate resistors
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
METAL PLATE SHUNT RESISTORS
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
metal plate chip type low resistance resistors
logo
Stackpole Electronics, ...
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
Wurth Elektronik GmbH &...
580060716002 WURTH-580060716002 Datasheet
341Kb / 6P
WRIS-PSMB Metal Plate Resistors
001.000
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com