전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY100S331FCTR 데이터시트(PDF) 2 Page - Micrel Semiconductor

부품명 SY100S331FCTR
상세설명  TRIPLE D FLIP-FLOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S331FCTR 데이터시트(HTML) 2 Page - Micrel Semiconductor

  SY100S331FCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S331FCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S331FCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S331FCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S331FCTR Datasheet HTML 5Page - Micrel Semiconductor SY100S331FCTR Datasheet HTML 6Page - Micrel Semiconductor SY100S331FCTR Datasheet HTML 7Page - Micrel Semiconductor SY100S331FCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY100S331
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100S331FC
F24-1
Commercial
SY100S331FC
Sn-Pb
SY100S331FCTR(1)
F24-1
Commercial
SY100S331FC
Sn-Pb
SY100S331JC
J28-1
Commercial
SY100S331JC
Sn-Pb
SY100S331JCTR(1)
J28-1
Commercial
SY100S331JC
Sn-Pb
SY100S331JZ(2)
J28-1
Commercial
SY100S331JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100S331JZTR(1, 2)
J28-1
Commercial
SY100S331JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Tape and Reel.
2. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
24-Pin Cerpack (F24-1)
SD0
CD0
CP0
D0
Q0
Q0
CP1
SD2
CP2
CD1
D2
CD2
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
Q1
Q1
VCCA
VCC
Q2
VCC
MS
VEE
MR
CPC
SD1
VEES
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
Q2
D1
26
18
25
5



Html Pages

1 2 3 4 5 6 7 8