전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCM94500 데이터시트(PDF) 1 Page - Broadcom Corporation.

부품명 BCM94500
상세설명  ADVANCED MODULATION SATELLITE RECEIVER EVALUATION SYSTEM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM94500 데이터시트(HTML) 1 Page - Broadcom Corporation.

  BCM94500 Datasheet HTML 1Page - Broadcom Corporation. BCM94500 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM94500
FEA TURES
BCM94500 Advanced Modulation Satellite Receiver Evaluation System
Demonstrates the high performance of the BCM4500
advanced modulation satellite receiver, which supports
QPSK, 8PSK and 16 QAM with a turbo code FEC.
Supports legacy modes based on DIRECTV® and
DVB-S QPSK standards.
High-performance direct conversion BCM3440 satellite
tuner exceeds performance of typical single-chip satellite
tuners for increased system performance.
Highly integrated BCM3440 and BCM4500 devices
enable low-cost implementation with minimal external
components.
Host software uses the BCM4500 high-level application
program interface (API) implemented in the on-chip
microcontroller contained in the BCM4500.
BCM3440 also controlled by the host through the
BCM4500 API.
Highly integrated Windows® software enables evaluation
of all advanced modulation/turbo modes, as well as legacy
DVB and DIRECTV modes.
Easy interface to PC via parallel port and I2C connector
on BCM94500.
Interface to BCM4500 Integrated DiSEqCTM 2.0 for
two-way communication with external hardware.
SUMMAR Y
OF
BENEFITS
ADVANCED MODULATION SATELLITE RECEIVER EVALUATION SYSTEM
Evaluation system based on BCM3440 direct conversion
CMOS satellite tuner and BCM4500 advanced modulation
satellite receiver
Supports full satellite input range (950–2150 MHz)
Standard MPEG-2 output in DIRECTV® or DVB format
Standard DVB-SPI MPEG output interface: 25-pin
D connector with LVDS line drivers
Interfaces to BCM97031 HDTV decoder/graphics
evaluation system
I2C bus interface to PC parallel port for system control
Internal BERT and external BERT interface
DiSEqCTM (Digital Satellite Equipment Control)
2.0 2-way interface
Complete reference design includes
• Schematic drawings and Gerber files
• Bill of materials (BOM)
• Data sheet
• Software source code
• User manual
Compatible with Windows® 95, 98, 2000 or NT host PC
operating systems
®
PRODUCT
PRODUCT
Brief
Brief
BCM94500


유사한 부품 번호 - BCM94500

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
BCM94201 BOARDCOM-BCM94201 Datasheet
412Kb / 1P
SATELLITE RECEIVER EVALUATION SYSTEM
BCM94311 BOARDCOM-BCM94311 Datasheet
407Kb / 2P
AIRFORCE 54G 802.11A/B/G PCI EXPRESS CLIENT REFERENCE DESIGN
BCM94317 BOARDCOM-BCM94317 Datasheet
399Kb / 1P
AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
BCM94318 BOARDCOM-BCM94318 Datasheet
256Kb / 2P
AIRFORCE ONE CHIP 802.11 REFERENCE DESIGN
BCM94318E BOARDCOM-BCM94318E Datasheet
409Kb / 2P
AIRFORCE ONE SINGLE-CHIP 802.11 REFERENCE DESIGN
More results

유사한 설명 - BCM94500

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500 Datasheet
111Kb / 1P
ADVANCED MODULATION SATELLITE RECEIVER
BCM94201 BOARDCOM-BCM94201 Datasheet
412Kb / 1P
SATELLITE RECEIVER EVALUATION SYSTEM
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
DVB-S2 Advanced Modulation Satellite Tuner
logo
Broadcom Corporation.
BCM93138 BOARDCOM-BCM93138 Datasheet
479Kb / 2P
ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
BCM4500 BOARDCOM-BCM4500_03 Datasheet
133Kb / 2P
ADVANCED MODULATION SATELLITE RECEIVER
logo
EPCOS
B800 EPCOS-B800 Datasheet
81Kb / 6P
Satellite Receiver Filter
B801 EPCOS-B801 Datasheet
114Kb / 9P
Satellite Receiver Filter
logo
NXP Semiconductors
CX24118A NXP-CX24118A Datasheet
506Kb / 46P
Advanced Modulation Digital Satellite Tuner
Rev. 02-8 September 2009
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
Evaluation System
Rev 0; 3/10
logo
Bourns Electronic Solut...
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_12 Datasheet
217Kb / 1P
Satellite Receiver RF Input
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com