| 전자부품 데이터시트 검색엔진 |
|
BCM3418 데이터시트(PDF) 1 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
BCM3418 데이터시트(HTML) 1 Page - Broadcom Corporation. |
|
1 / 2 page ![]() BCM3517 ® ATSC/VSB DIGITAL CABLE READY DTV RECEIVER Digital Cable Ready DTV System Solution • Integrated VSB/QAM QAMLink ® Receiver • 12-bit A/D converter with internal AGC amplifier • Full equalizer architecture spans up to –35 to 49 µs delays • Direct IF sampled architecture reduces system cost • Single IF signal path for QAM/VSB to reduce system costs • ITU-T J.83 Annex A/B/C FEC modes • MPEG-2 transport output (serial/parallel) • All-digital clock and carrier recovery • Integrated PLLs to minimize external components • All acquisition times typically less than 50 ms • QPSK Out-of-Band Receiver • 100–200-MHz receiver LO with input AGC and 6-bit A/D • Variable symbol rate QPSK receiver • Digital demodulator, Nyquist filters, tracking loops, and four-tap adaptive equalizer • DVS-167 (Davic ™)/DVS-178 (DigiCipherII™) FEC decoder • Integrated Acquisition Controller • EIA/CEA-909 Antenna Interface • 144-pin LQFP Package • Complete DTV single chip receiver solution • FCC VSB and Digital Cable Ready • Superior performance under both static and dynamic multi- path channel conditions • Direct interface to CMOS and discrete DTV tuners • Reduces system costs through direct IF sampling • Single IF path for QAM/VSB simplifies board design • Smart antenna support • Automatic NTSC co-channel interference and RFI rejection filters • Integrated de-interleaver RAM for VSB FEC, and QAM for modes up to J=4 reduces system costs • BSC master to control peripherals FE A T UR E S SU MM AR Y O F B E N E FI TS MPEG Transport Serial/Parallel Out-of-band Transport EIA/CEA-909 Smart Antenna Interface BCM3517 VSB/QAM OOB/CableCard™ BCM3418 Tuner BCM3431 LNA Out-of-Band Cable ATSC |
유사한 부품 번호 - BCM3418 |
|
유사한 설명 - BCM3418 |