전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP4303AM-C 데이터시트(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

부품명 AP4303AM-C
상세설명  QUAD OP AMP AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4303AM-C 데이터시트(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP4303AM-C Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4303AM-C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QUAD OP AMP AND VOLTAGE REFERENCE
AP4303
4
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Circuit Type
Voltage Tolerance
A: 0.5%
B: 1%
Package
P: DIP-16
M: SOIC-16
Output Voltage Reference
C: 1.25V
D: 1.24V
AP4303
-
E1: Lead Free
Blank: Tin Lead
TR: Tape and Reel
Blank: Tube
Package
Refer-
ence
Voltage
Voltage
Tolerance
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
DIP-16
1.25V
0.5%
-40 to 85oC
AP4303AP-C
AP4303AP-CE1
AP4303AP-C
AP4303AP-CE1
Tube
1%
AP4303BP-C
AP4303BP-CE1
AP4303BP-C
AP4303BP-CE1
1.24V
0.5%
AP4303AP-D
AP4303AP-DE1
AP4303AP-D
AP4303AP-DE1
1%
AP4303BP-D
AP4303BP-DE1
AP4303BP-D
AP4303BP-DE1
SOIC-16
1.25V
0.5%
-40 to 85oC
AP4303AM-C
AP4303AM-CE1
AP4303AM-C AP4303AM-CE1
Tube
AP4303AM-CTR AP4303AM-CTRE1 AP4303AM-C AP4303AM-CE1
Tape &
Reel
1%
AP4303BM-C
AP4303BM-CE1
AP4303BM-C AP4303BM-CE1
Tube
AP4303BM-CTR
AP4303BM-CTRE1
AP4303BM-C AP4303BM-CE1
Tape &
Reel
1.24V
0.5%
AP4303AM-D
AP4303AM-DE1
AP4303AM-D AP4303AM-DE1
Tube
AP4303AM-DTR AP4303AM-DTRE1 AP4303AM-D AP4303AM-DE1
Tape &
Reel
1%
AP4303BM-D
AP4303BM-DE1
AP4303BM-D AP4303BM-DE1
Tube
AP4303BM-DTR AP4303BM-DTRE1 AP4303BM-D AP4303BM-DE1
Tape &
Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com