전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES9018 데이터시트(PDF) 9 Page - ESS Technology,Inc

부품명 ES9018
상세설명  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ESS [ESS Technology,Inc]
홈페이지  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 데이터시트(HTML) 9 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 5Page - ESS Technology,Inc ES9018 Datasheet HTML 6Page - ESS Technology,Inc ES9018 Datasheet HTML 7Page - ESS Technology,Inc ES9018 Datasheet HTML 8Page - ESS Technology,Inc ES9018 Datasheet HTML 9Page - ESS Technology,Inc ES9018 Datasheet HTML 10Page - ESS Technology,Inc ES9018 Datasheet HTML 11Page - ESS Technology,Inc ES9018 Datasheet HTML 12Page - ESS Technology,Inc ES9018 Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
9
Vista™
High Definition
Vista™
High Definition
FUNCTIONAL DESCRIPTION
PCM, SPDIF and DSD Pin Connections
The following tables show how the pins are used for PCM and DSD audio formats.
PCM Audio Format
Note: XI clock (MCLK) must be > 192*FS when using PCM input (normal mode).
Note: XI clock (MCLK) must be > 24*FS when using PCM input (OSF bypass mode).
Pin Name
Description
DATA1
Frame clock
DATA[2:5]
8-channel PCM serial data
DATA_CLK
Bit clock for PCM audio format
Table 2
SPDIF Audio Formant
Note: XI clock (MCLK) must be > 386*FS when using SPDIF input.
Pin Name
Description
DATA[1:8]
Up to 8 SPDIF inputs can be connected to an 8-to-1 mux
internal to SABRE
32 Reference, selectable via register
SPDIF Source
Table 3
DSD Audio Format
Note: XI clock (MCLK) must be > 3*FS when using DSD input.
Pin Name
Description
DATA[1:8]
8-channel DSD data input
DATA_CLK
Bit clock for DSD data input
Table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35