| 전자부품 데이터시트 검색엔진 |
|
LP339DRE4 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP339DRE4 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 10 page ![]() The LP239 is obsolete and is no longer supplied. LP239, LP339, LP2901 LOW POWER QUAD DIFFERENTIAL COMPARATORS SLCS004B − OCTOBER 1987 − REVISED SEPTEMBER 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Figure 1 shows the basic configuration for using the LP239, LP339, or LP2901 comparator. Figure 2 shows the diagram for using one of these comparators as a CMOS driver. Figure 1. Basic Comparator IN + IN − OUT 30 k Ω + − VCC 1/4 LP239, LP339, or LP2901 Figure 2. CMOS Driver IN + IN − 100 k Ω 1/4 LP239, LP339, or LP2901 1/4 SN54/74LS00 or 1/4 SN54/74ALS1000A VCC + − 12 3 OUT All pins of any unused comparators should be grounded. The bias network of the LP239, LP339, and LP2901 establishes a drain current that is independent of the magnitude of the power-supply voltage over the range of 2 V to 30 V. It usually is necessary to use a bypass capacitor across the power supply line. The differential input voltage may be larger than VCC without damaging the device. Protection should be provided to prevent the input voltages from going negative by more than −0.3 V. The output section has two distinct modes of operation: a Darlington mode and ground-emitter mode. This unique drive circuit permits the device to sink 30 mA at VO = 2 V in the Darlington mode and 700 µA at VO = 0.4 V in the ground-emitter mode. Figure 3 is a simplified schematic diagram of the output section. The output section is configured in a Darlington connection (ignoring Q3). If the output voltage is held high enough (above 1 V), Q1 is not saturated and the output current is limited only by the product of the hFE of Q1, the hFE of Q2, and I1 and the 60-Ω saturation resistance of Q2. The devices are capable of driving LEDs, relays, etc. in this mode while maintaining an ultra-low power-supply current of 60 µA, typically. VCC VO Q2 Q1 Q3 I1 = 6 µA Figure 3. Output-Section Schematic Diagram |