| 전자부품 데이터시트 검색엔진 |
|
SN74LVC2T45DCUT 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC2T45DCUT 데이터시트(HTML) 6 Page - Texas Instruments |
|
6 / 23 page ![]() www.ti.com Switching Characteristics Switching Characteristics SN74LVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES516I – DECEMBER 2003 – REVISED MARCH 2007 over recommended operating free-air temperature range, V CCA = 1.8 V ± 0.15 V (unless otherwise noted) (see Figure 1) VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tPLH 3 17.7 2.2 10.3 1.7 8.3 1.4 7.2 A B ns tPHL 2.8 14.3 2.2 8.5 1.8 7.1 1.7 7 tPLH 3 17.7 2.3 16 2.1 15.5 1.9 15.1 B A ns tPHL 2.8 14.3 2.1 12.9 2 12.6 1.8 12.2 tPHZ 10.6 30.9 10.3 30.5 10.5 30.5 10.7 29.3 DIR A ns tPLZ 7.3 19.7 7.5 19.6 7.5 19.5 7 19.4 tPHZ 10 27.9 8.4 14.9 6.5 11.3 4.1 8.6 DIR B ns tPLZ 6.5 19.5 7.2 12.6 4.3 9.7 2.1 7.1 tPZH(1) 37.2 28.6 25.2 22.2 DIR A ns tPZL(1) 42.2 27.8 23.9 20.8 tPZH(1) 37.4 29.9 27.8 26.6 DIR B ns tPZL(1) 45.2 39 37.6 36.3 (1) The enable time is a calculated value, derived using the formula shown in the enable times section. over recommended operating free-air temperature range, V CCA = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1) VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V VCCB = 5 V FROM TO ± 0.15 V ± 0.2 V ± 0.3 V ± 0.5 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tPLH 2.3 16 1.5 8.5 1.3 6.4 1.1 5.1 A B ns tPHL 2.1 12.9 1.4 7.5 1.3 5.4 0.9 4.6 tPLH 2.2 10.3 1.5 8.5 1.4 8 1 7.5 B A ns tPHL 2.2 8.5 1.4 7.5 1.3 7 0.9 6.2 tPHZ 6.6 17.1 7.1 16.8 6.8 16.8 5.2 16.5 DIR A ns tPLZ 5.3 12.6 5.2 12.5 4.9 12.3 4.8 12.3 tPHZ 10.7 27.9 8.1 13.9 5.8 10.5 3.5 7.6 DIR B ns tPLZ 7.8 18.9 6.2 11.2 3.6 8.9 1.4 6.2 tPZH(1) 29.2 19.7 16.9 13.7 DIR A ns tPZL(1) 36.4 21.4 17.5 13.8 tPZH(1) 28.6 21 18.7 17.4 DIR B ns tPZL(1) 30 24.3 22.2 21.1 (1) The enable time is a calculated value, derived using the formula shown in the enable times section. 6 Submit Documentation Feedback |