| 전자부품 데이터시트 검색엔진 |
|
CDP1802ACE 데이터시트(PDF) 19 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CDP1802ACE 데이터시트(HTML) 19 Page - Intersil Corporation |
|
19 / 28 page ![]() 3-21 The three paths, depending on the nature of the instruction, may operate independently or in various combinations in the same machine cycle. With two exceptions, CPU instruction consists of two 8- clock-pulse machine cycles. The first cycle is the fetch cycle, and the second - and third if necessary - are execute cycles. During the fetch cycle the four bits in the P designator select one of the 16 registers R(P) as the current program counter. The selected register R(P) contains the address of the mem- ory location from which the instruction is to be fetched. When the instruction is read out from the memory, the higher order 4 bits of the instruction byte are loaded into the register and the lower order 4 bits into the N register. The content of the program counter is automatically incremented by one so that R(P) is now “pointing” to the next byte in the memory. The X designator selects one of the 16 registers R(X) to “point” to the memory for an operand (or data) in certain ALU or I/O operations. The N designator can perform the following five functions depending on the type of instruction fetched: 1. Designate one of the 16 registers in R to be acted upon during register operations. 2. Indicate to the I/O devices a command code or device selection code for peripherals. 3. Indicate the specific operation to be executed during the ALU instructions, types of test to be performed during the Branch instruction, or the specific operation required in a class of miscellaneous instructions (70 - 73 and 78 - 7B). 4. Indicate the value to be loaded into P to designate a new register to be used as the program counter R(P). 5. Indicate the value to be loaded into X to designate a new register to be used as data pointer R(X). The registers in R can be assigned by a programmer in three different ways: as program counters, as data pointers, or as scratchpad locations (data registers) to hold two bytes of data. Program Counters Any register can be the main program counter; the address of the selected register is held in the P designator. Other reg- isters in R can be used as subroutine program counters. By single instruction the contents of the P register can be changed to effect a “call” to a subroutine. When interrupts are being serviced, register R(1) is used as the program counter for the user's interrupt servicing routine. After reset, and during a DMA operation, R(0) is used as the program counter. At all other times the register designated as pro- gram counter is at the discretion of the user. Data Pointers The registers in R may be used as data pointers to indicate a location in memory. The register designated by X (i.e., R(X)) points to memory for the following instructions (see Table 1). 1. ALU operations F1 - F5, F7, 74, 75, 77 2. Output instructions 61 through 67 3. Input instructions 69 through 6F 4. Certain miscellaneous instructions - 70 - 73, 78, 60, F0 The register designated by N (i.e., R(N)) points to memory for the “load D from memory” instructions 0N and 4N and the “Store D” instruction 5N. The register designated by P (i.e., the program counter) is used as the data pointer for ALU instructions F8 - FD, FF, 7C, 7D, 7F. During these instruction executions, the operation is referred to as “data immediate”. Another important use of R as a data pointer supports the built-in Direct-Memory-Access (DMA) function. When a DMA-ln or DMA-Out request is received, one machine cycle is “stolen”. This operation occurs at the end of the execute machine cycle in the current instruction. Register R(0) is always used as the data pointer during the DMA operation. The data is read from (DMA-Out) or written into (DMA-ln) the memory location pointed to by the R(0) register. At the end of the transfer, R(0) is incremented by one so that the pro- cessor is ready to act upon the next DMA byte transfer request. This feature in the 1800-series architecture saves a substantial amount of logic when fast exchanges of blocks of data are required, such as with magnetic discs or during CRT-display-refresh cycles. Data Registers When registers in R are used to store bytes of data, four instructions are provided which allow D to receive from or write into either the higher-order or lower-order byte portions of the register designated by N. By this mechanism (together with loading by data immediate) program pointer and data pointer designations are initialized. Also, this technique allows scratchpad registers in R to be used to hold general data. By employing increment or decrement instructions, such registers may be used as loop counters. The Q Flip-Flop An internal flip-flop, Q, can be set or reset by instruction and can be sensed by conditional branch instructions. The output of Q is also available as a microprocessor output. CDP1802A, CDP1802AC, CDP1802BC |