| 전자부품 데이터시트 검색엔진 |
|
HCS374D/SAMPLE 데이터시트(PDF) 4 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
HCS374D/SAMPLE 데이터시트(HTML) 4 Page - Intersil Corporation |
|
4 / 10 page ![]() 4 Specifications HCS374MS TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS PARAMETER SYMBOL (NOTES 1, 2) CONDITIONS GROUP A SUB- GROUPS TEMPERATURE LIMITS UNITS MIN MAX Clock to Q TPLH, TPHL VCC = 4.5V 9 +25oC 2 22 ns 10, 11 +125oC, -55oC 2 26 ns Enable to Output TPZL, TPZH VCC = 4.5V 9 +25oC 2 20 ns 10, 11 +125oC, -55oC 2 23 ns Disable to Output TPLZ VCC = 4.5V 9 +25oC 2 20 ns 10, 11 +125oC, -55oC 2 23 ns TPHZ VCC = 4.5V 9 +25oC 2 18 ns 10, 11 +125oC, -55oC 2 20 ns NOTES: 1. All voltages referenced to device GND. 2. AC measurements assume RL = 500 Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS PARAMETER SYMBOL (NOTE 1) CONDITIONS TEMPERATURE LIMITS UNITS MIN MAX Capacitance Power Dissipation CPD VCC = 5.0V, f = 1MHz +25oC - 11 pF +125oC, -55oC - 35 pF Input Capacitance CIN VCC = 5.0V, f = 1MHz +25oC - 10 pF +125oC - 10 pF Output Transition Time TTHL TTLH VCC = 4.5V +25oC - 12 ns +125oC, -55oC - 18 ns Max Operating Frequency FMAX VCC = 4.5V +25oC - 30 MHz +125oC, -55oC - 20 MHz Setup Time Data to Clock TSU VCC = 4.5V +25oC 12 - ns +125oC, -55oC 18 - ns Hold Time Data to Clock TH VCC = 4.5V +25oC 5 - ns +125oC, -55oC 5 - ns Pulse Width Clock TW VCC = 4.5V +25oC 16 - ns +125oC, -55oC 24 - ns NOTE: 1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics. Spec Number 518770 |