| 전자부품 데이터시트 검색엔진 |
|
TLC080 데이터시트(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC080 데이터시트(HTML) 33 Page - Texas Instruments |
|
33 / 48 page ![]() TL7757 SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR SLVS041I – SEPTEMBER 1991 – REVISED AUGUST 2003 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† 1.36 1.28 0.028 0.032 –75 – 50 – 25 0 25 50 1.44 1.48 SUPPLY CURRENT vs FREE-AIR TEMPERATURE 1.52 75 100 125 1.4 1.32 0.036 0.024 0.020 0.040 TA – Free-Air Temperature – °C VCC = 7 V VCC = 5.5 V RL = 0 VCC = 4.3 V Figure 6 50 40 20 10 0 90 30 04 8 12 70 60 80 LOW-LEVEL OUTPUT VOLTAGE vs LOW-LEVEL OUTPUT CURRENT 100 16 20 110 120 IOL – Low-Level Output Current – mA VCC = 1 V VCC = 4.3 V TA = 25°C Figure 7 Figure 8 60 40 20 0 80 100 120 LOW-LEVEL OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE –100 – 50 0 50 100 150 VCC = 4.3 V IOL = 20 mA IOL = 8 mA IOL = 1 mA TA – Free-Air Temperature – °C Figure 9 0.006 0.004 0.002 0 0.75 0.8 0.85 0.9 0.008 0.01 OUTPUT CURRENT vs SUPPLY VOLTAGE 0.012 0.95 1 1.05 0.014 0.016 0.018 0.02 VCC – Supply Voltage – V TA = 25°C † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |