전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACST310-8B 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 ACST310-8B
상세설명  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ACST310-8B 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  ACST310-8B Datasheet HTML 1Page - Inchange Semiconductor Company Limited ACST310-8B Datasheet HTML 2Page - Inchange Semiconductor Company Limited ACST310-8B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T0205
eq ACST310-8B
isc Thyristors
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,Tj=25℃
5
uA
IDRM
Repetitive peak off-state current
VD=VDRM,Tj=25℃
5
uA
IGT
Gate trigger current
Ⅰ
VD=12V;IT = 0.1A
5
mA
Ⅱ
5
Ⅲ
5
IH
Holding current
IGT= 500mA,
10
mA
VGT
Gate trigger voltage all quadrant VD=12V;IT = 0.1A;
1.3
V
VTM
On-state voltage
IT= 11A; tp= 380μs
1.55
V
Package outline(Dimensions in mm)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com