전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AH183-PL 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 AH183-PL
상세설명  LOW POWER HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH183-PL 데이터시트(HTML) 6 Page - Diodes Incorporated

  AH183-PL Datasheet HTML 1Page - Diodes Incorporated AH183-PL Datasheet HTML 2Page - Diodes Incorporated AH183-PL Datasheet HTML 3Page - Diodes Incorporated AH183-PL Datasheet HTML 4Page - Diodes Incorporated AH183-PL Datasheet HTML 5Page - Diodes Incorporated AH183-PL Datasheet HTML 6Page - Diodes Incorporated AH183-PL Datasheet HTML 7Page - Diodes Incorporated AH183-PL Datasheet HTML 8Page - Diodes Incorporated AH183-PL Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
6 of 9
MARCH 2007
www.diodes.com
© Diodes Incorporated
Performance Characteristics
( SIP-3L )
Ta (
°C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
Ta (
°C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
P o w e r D is s ip at ion C u r v e
0
10 0
20 0
30 0
40 0
50 0
60 0
0
2 5
5 0
7 5
1 00
12 5
1 5 0
Ta (
° C)
Pd ( m W )
85
Performance Characteristics
( SC59 )
Ta (
°C)
25
50
60
70
80
85
90
100
110
120
125
130
140
150
Pd (mW) 230
184
166
147
129
120
110
92
74
55
46
37
18
0
Power Dissipation Curve
0
100
200
300
0
255075
100
125
150
Ta (°C)
Pd (mW)
85



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com