| 전자부품 데이터시트 검색엔진 |
|
UR71XXL-AE3-4-R 데이터시트(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UR71XXL-AE3-4-R 데이터시트(HTML) 2 Page - Unisonic Technologies |
|
2 / 8 page ![]() UR71XX CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 8 www.unisonic.com.tw QW-R502-C22.I ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 7 8 UR71XXL-AA3-D-R UR71XXG-AA3-D-R SOT-223 I G O - - - - - Tape Reel UR71XXL-AB3-R UR71XXG-AB3-R SOT-89 G I O - - - - - Tape Reel UR71XXL-AE2-1-R UR71XXG-AE2-1-R SOT-23-3 1: GIO 3: GOI 4: IOG Tape Reel UR71XXL-AE2-3-R UR71XXG-AE2-3-R SOT-23-3 Tape Reel UR71XXL-AE2-4-R UR71XXG-AE2-4-R SOT-23-3 Tape Reel UR71XXL-AE3-1-R UR71XXG-AE3-1-R SOT-23 Tape Reel UR71XXL-AE3-3-R UR71XXG-AE3-3-R SOT-23 Tape Reel UR71XXL-AE3-4-R UR71XXG-AE3-4-R SOT-23 Tape Reel UR71XXL-AE5-C-R UR71XXG-AE5-C-R SOT-23-5 I G C N O - - - Tape Reel UR71XXL-AE5-V-R UR71XXG-AE5-V-R SOT-23-5 G I O N C - - - Tape Reel UR71XXL-AF5-C-R UR71XXG-AF5-C-R SOT-25 I G C N O - - - Tape Reel UR71XXL-AF5-F-R UR71XXG-AF5-F-R SOT-25 G I O N N - - - Tape Reel UR71XXL-AL5-R UR71XXG-AL5-R SOT-353 N G N I O - - - Tape Reel UR71XXL-T92-B UR71XXG-T92-B TO-92 G I O - - - - - Tape Box UR71XXL-T92-K UR71XXG-T92-K TO-92 G I O - - - - - Bulk UR71XXL-K06-2020-R UR71XXG-K06-2020-R DFN2020-6 O N G C N I - - Tape Reel UR71XXL-K08-3030-R UR71XXG-K08-3030-R DFN3030-8 I N N G N N N O Tape Reel Note: Pin assignment: G: Ground I: VIN O: VOUT C: CE N: NC (1) R: Tape Reel, B: Tape Box, K: Bulk (2) refer to Pin Assignment (3) AA3: SOT-223, AB3: SOT-89, AE2: SOT-23-3 AE3: SOT-23, AE5: SOT-23-5, AF5: SOT-25 AL5: SOT-353, T92: TO-92, K06-2020: DFN2020-6 K08-3030: DFN3030-8 (4) G: Halogen Free and Lead Free, L: Lead Free (5) XX: Refer to Marking Information UR71XXG-AA3-D-R (1)Packing Type (2)Pin Assignment (4)Green Package (5)Output Voltage Code (3)Package Type |