| 전자부품 데이터시트 검색엔진 |
|
TMS320VC5441APGF 데이터시트(PDF) 76 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5441APGF 데이터시트(HTML) 76 Page - Texas Instruments |
|
76 / 94 page ![]() Electrical Specifications 76 December 1999 − Revised October 2008 SPRS122F 5.9.2 McBSP0 General-Purpose I/O Timing Table 5−11 and Table 5−12 assume testing over recommended operating conditions (see Figure 5−12). Table 5−11. McBSP0 General-Purpose I/O Timing Requirements MIN MAX UNIT tsu(BGPIO-COH) Setup time, BGPIOx input mode before CLKOUT high† 7 ns th(COH-BGPIO) Hold time, BGPIOx input mode after CLKOUT high† 0 ns † BGPIOx refers to x_BCLKR, x_BFSR, x_BDR, x_BCLKX, or x_BFSX when configured as a general-purpose input. Table 5−12. McBSP0 General-Purpose I/O Switching Characteristics PARAMETER MIN MAX UNIT td(COH-BGPIO) Delay time, CLKOUT high to BGPIOx output mode‡ −8 8 ns ‡ BGPIOx refers to x_BCLKR, x_BFSR, x_BCLKX, x_BFSX, or x_BDX when configured as a general-purpose output. tsu(BGPIO-COH) th(COH-BGPIO) td(COH-BGPIO) CLKOUT BGPIOx Input Mode† BGPIOx Output Mode‡ † BGPIOx refers to x_BCLKR, x_BFSR, x_BDR, x_BCLKX, or x_BFSX when configured as a general-purpose input. ‡ BGPIOx refers to x_BCLKR, x_BFSR, x_BCLKX, x_BFSX, or x_BDX when configured as a general-purpose output. Figure 5−12. McBSP0 General-Purpose I/O Timings |