전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3D 데이터시트(PDF) 1 Page - RFE international

부품명 S3D
상세설명  Surface Mount General Purpose Rectifier S3A Through S3M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFE [RFE international]
홈페이지  http://www.rfeinc.com
Logo RFE - RFE international

S3D 데이터시트(HTML) 1 Page - RFE international

  S3D Datasheet HTML 1Page - RFE international S3D Datasheet HTML 2Page - RFE international S3D Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
● Glass Passivated Chip
● High current capability
● High reliability
● High surge current capability
● Low power loss
● Solder dip 260 °C max. 10 s, per JESD 22-B106
MECHANICAL DATA
● Package: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant
● Terminals : Tin plated leads, solderable per MIL-STD-
● Polarity: Color band denotes cathode end
MAXIMUM RATINGS
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Device marking code
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
IO
A
3.0
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Ta=25°C
IFSM
A
100
Storage Temperature
Tstg
°C
-55 ~+150
Junction Temperature
Tj
°C
-55 ~+150
■ELECTRICAL CHARACTERISTICS(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST CONDITIONS
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=3.0A
1.15
Maximum DC reverse current
at rated DC blocking voltage
per diode
IR
μA
Ta=25
°C
10
Ta=125
°C
250
Typical junction capacitance
Cj
pF
Measured at 1MHZ
and Applied Reverse
Voltage of 4.0 V.D.C.
60
■ THERMAL CHARACTERISTICS
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
S3A
S3B
S3D
S3G
S3J
S3K
S3M
Thermal
Resistance
Junction to ambient
RθJ-A
°C
/W
471)
Junction to lead
RθJ-L
131)
09-JUN-2023
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas
Note(1)
■ PACKAGING INFORMATION
PREFERED P/N
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
S3A~S3M
Approximate 0.248
3000
6000
42000
13” reel
Surface Mount General Purpose Rectifier
S3A Through S3M
(3 amps, SMC)
750 methode 2026.


유사한 부품 번호 - S3D

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
S3D PANJIT-S3D Datasheet
415Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Surge Components
S3D SURGE-S3D Datasheet
78Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 3.0 Ampere????
logo
Transys Electronics
S3D TRSYS-S3D Datasheet
158Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S3D JGD-S3D Datasheet
169Kb / 2P
1.0 AMPS SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S3D SSE-S3D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

유사한 설명 - S3D

제조업체부품명데이터시트상세설명
logo
SMC Diode Solutions Co....
S3A SMCDIODE-S3A Datasheet
373Kb / 4P
S3A THRU S3M SURFACE MOUNT GENERAL RECTIFIER
Rev.C
logo
RFE international
G15A RFE-G15A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G15A Through G15M
07-14-2020
G1A RFE-G1A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G1A Through G1M
07-13-2020
G1AFS RFE-G1AFS Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G1AFS Through G1MFS
07-13-2020
GS1AB RFE-GS1AB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS1AB Through GS1MB
07-15-2020
GS2A RFE-GS2A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS2A Through GS2M
07-15-2020
GS2AA RFE-GS2AA Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS2AA Through GS2MA
07-17-2020
GS3AB RFE-GS3AB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS3AB Through GS3MB
07-17-2020
GS5A RFE-GS5A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS5A Through GS5M
07-17-2020
GS8A RFE-GS8A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS8A Through GS8M
07-21-2020
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com