전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L78M00 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L78M00
상세설명  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M00 데이터시트(HTML) 4 Page - STMicroelectronics

  L78M00 Datasheet HTML 1Page - STMicroelectronics L78M00 Datasheet HTML 2Page - STMicroelectronics L78M00 Datasheet HTML 3Page - STMicroelectronics L78M00 Datasheet HTML 4Page - STMicroelectronics L78M00 Datasheet HTML 5Page - STMicroelectronics L78M00 Datasheet HTML 6Page - STMicroelectronics L78M00 Datasheet HTML 7Page - STMicroelectronics L78M00 Datasheet HTML 8Page - STMicroelectronics L78M00 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Maximum ratings
L78M00 series
4/30
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
0 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
TO-220
TO-220FP
DPAK
IPAK
Unit
RthJC
Thermal resistance junction-case
3
5
8
°C/W
RthJA
Thermal resistance junction-ambient
50
60
100
°C/W
Figure 3.
Application circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com