전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E22 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TUSB2E22
상세설명  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments TUSB2E22 Datasheet HTML 11Page - Texas Instruments TUSB2E22 Datasheet HTML 12Page - Texas Instruments TUSB2E22 Datasheet HTML 13Page - Texas Instruments TUSB2E22 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
RESET TIMING
t_VDD1V8_RA
MP
Ramp time for VDD1V8 to reach minimum 1.62 V
2
ms
t_VDD3V3_RA
MP
Ramp time for VDD3V3 to reach minimum 3.0 V
2
ms
t_su_CROSS Setup time for CROSS sampled at the de-assertion of RESETB
0
ms
t_hd_CROSS Hold time for CROSS sampled at the de-assertion of RESETB
3
ms
t_aRESETB
duration for RESETB to be asserted low to complete reset while powered
10
us
t_RH_READY
Time for eUSB2 interface to be ready after RESETB is de-asserted
or (VDD1V8 and VDD3V3) reach minimum recommended voltages,
whichever is later
3
ms
TUSB2E22
SNLS648B – FEBRUARY 2019 – REVISED OCTOBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB2E22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com