| 전자부품 데이터시트 검색엔진 |
|
MB4M 데이터시트(PDF) 2 Page - ASEMI TECHNOLOGY., LTD |
|
|
|||||||||||||||||||||||||||||
MB4M 데이터시트(HTML) 2 Page - ASEMI TECHNOLOGY., LTD |
|
2 / 2 page ![]() 2-2 www.asemi99.com 2018.11 Rev.3.1 .2 2 1 .1 4 .4 1.0 2 40 10 20 60 100 4 10 20 40 100 f=1MHz TJ=25 0.1 1 0.01 1.4 10 1.2 0.8 1.0 0.4 0.6 0.2 TJ=25 PULSE WIDTH=300µS 110 100 5.0 35 10 30 25 20 15 0 TA=40 SINGLE HALF SINE-WAVE (JEDEC Method) 1.0 CYCLE f=60Hz f=50Hz .01 0 0.1 1.0 10 100 80 60 40 20 100 TJ=25 TJ=125 FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG FIG.1 -- DERATING CURVE FOR OUTPUT RRECTIFIED CURRENT AMBIENT TEMPERATURE, FIG.4 -- TYPICAL REVERSE CHARACTERISTIC NUMBER OF CYCLES AT 60Hz REVERSE VOLTAGE, VOLTS PERCENT OF RATED PEAK REVERSE VOLTAGE,% FIG.5 -- TYPICAL JUNCTION CAPACITANCE PER BBBBBBB ELEMENT INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.3 -- TYPICAL FORWARD VOLTAGE KKKKCHARACTERISTICS PER LEG Rating and Characteristic Curves ( TA=25 Unless otherwise noted ) C o MB1M THRU MB10M CURRENT 1.0 Ampere VOLTAGE RANG 50 to 1000 Volts 1.0 0 20 40 60 80 100 120 140 160 0 0.5 ALUMINUM SUBSTRATE P.C.B. GLASS EPOXY P.C.B. RESISTIVE OR INDUCTIVE LOAD ASEMI Bridge Rectifier |