전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTY81-2 데이터시트(PDF) 13 Page - NXP Semiconductors

부품명 KTY81-2
상세설명  Silicon temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KTY81-2 데이터시트(HTML) 13 Page - NXP Semiconductors

Back Button KTY81-2 Datasheet HTML 8Page - NXP Semiconductors KTY81-2 Datasheet HTML 9Page - NXP Semiconductors KTY81-2 Datasheet HTML 10Page - NXP Semiconductors KTY81-2 Datasheet HTML 11Page - NXP Semiconductors KTY81-2 Datasheet HTML 12Page - NXP Semiconductors KTY81-2 Datasheet HTML 13Page - NXP Semiconductors KTY81-2 Datasheet HTML 14Page - NXP Semiconductors KTY81-2 Datasheet HTML 15Page - NXP Semiconductors KTY81-2 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1998 Mar 26
13
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY81-2 series
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16