| 전자부품 데이터시트 검색엔진 |
|
KTY81-252 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY81-252 데이터시트(HTML) 6 Page - NXP Semiconductors |
|
6 / 16 page ![]() 1998 Mar 26 6 Philips Semiconductors Product specification Silicon temperature sensors KTY81-2 series Table 3 Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY81-250 and KTY81-251 Icont = 1 mA. AMBIENT TEMPERATURE TEMP. COEFF. KTY81-250 KTY81-251 ( °C) ( °F) (%/K) RESISTANCE ( Ω) TEMP. ERROR (K) RESISTANCE ( Ω) TEMP. ERROR (K) MIN. TYP. MAX. MIN. TYP. MAX. −55 −67 0.99 911 980 1049 ±7.04 913 956 999 ±4.52 −50 −58 0.98 959 1030 1101 ±6.99 960 1004 1048 ±4.45 −40 −40 0.96 1060 1135 1210 ±6.91 1061 1106 1152 ±4.3 −30 −22 0.93 1168 1247 1327 ±6.84 1169 1216 1263 ±4.16 −20 −4 0.91 1283 1367 1451 ±6.77 1285 1333 1381 ±4.01 −10 14 0.88 1407 1495 1583 ±6.69 1408 1457 1507 ±3.84 0 32 0.85 1538 1630 1721 ±6.61 1539 1589 1639 ±3.67 10 50 0.83 1677 1772 1867 ±6.51 1678 1728 1778 ±3.48 20 68 0.80 1824 1922 2021 ±6.41 1825 1874 1923 ±3.28 25 77 0.79 1900 2000 2100 ±6.35 1900 1950 2000 ±3.18 30 86 0.78 1974 2080 2185 ±6.55 1975 2028 2080 ±3.33 40 104 0.75 2127 2245 2362 ±6.97 2129 2189 2248 ±3.64 50 122 0.73 2287 2417 2547 ±7.4 2289 2357 2425 ±3.97 60 140 0.71 2453 2597 2741 ±7.85 2455 2532 2609 ±4.31 70 158 0.69 2626 2785 2943 ±8.31 2628 2715 2802 ±4.67 80 176 0.67 2805 2980 3154 ±8.79 2807 2905 3003 ±5.05 90 194 0.65 2990 3182 3374 ±9.29 2993 3102 3212 ±5.43 100 212 0.63 3182 3392 3602 ±9.81 3185 3307 3429 ±5.84 110 230 0.59 3379 3607 3836 ±10.65 3382 3517 3652 ±6.45 120 248 0.53 3569 3817 4065 ±12.25 3573 3721 3870 ±7.53 125 257 0.49 3658 3915 4173 ±13.45 3662 3817 3973 ±8.33 130 266 0.44 3741 4008 4274 ±15.06 3745 3907 4070 ±9.4 140 284 0.33 3883 4166 4450 ±20.49 3887 4062 4237 ±12.96 150 302 0.20 3982 4280 4578 ±34.35 3987 4173 4359 ±22.02 |