전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EH-R3A140-010G 데이터시트(PDF) 1 Page - EHAOAN.

부품명 EH-R3A140-010G
상세설명  tHigh Luminous Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EHAOAN [EHAOAN.]
홈페이지  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-R3A140-010G 데이터시트(HTML) 1 Page - EHAOAN.

  EH-R3A140-010G Datasheet HTML 1Page - EHAOAN. EH-R3A140-010G Datasheet HTML 2Page - EHAOAN. EH-R3A140-010G Datasheet HTML 3Page - EHAOAN. EH-R3A140-010G Datasheet HTML 4Page - EHAOAN. EH-R3A140-010G Datasheet HTML 5Page - EHAOAN. EH-R3A140-010G Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA SHEET
Lighting LED
EH-R3A140-010G
Features:
◆ High Luminous Output
◆ No UV
Typical purpose:
◆ Portable Flashlight
◆ Garden lighting
◆ General Lighting
◆ Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-010G
Part NO.
Lens Color
Emitting Color
EH-R
140-010G
Water Clear
3A
1
EHAOAN Electronics Co., Ltd.
Red


유사한 부품 번호 - EH-R3A140-010G

제조업체부품명데이터시트상세설명
logo
EHAOAN.
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
More results

유사한 설명 - EH-R3A140-010G

제조업체부품명데이터시트상세설명
logo
P-tec Corporation
PLC762A-WCR04 P-TEC-PLC762A-WCR04 Datasheet
381Kb / 6P
High Luminous Output
logo
Everlight Electronics C...
EALP03OLARA1 EVERLIGHT-EALP03OLARA1 Datasheet
234Kb / 11P
High luminous intensity output
EALP03OLAYA0 EVERLIGHT-EALP03OLAYA0 Datasheet
269Kb / 11P
High luminous intensity output
EALP05OLABA0 EVERLIGHT-EALP05OLABA0 Datasheet
459Kb / 9P
High luminous intensity output
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
High luminous intensity output
EALP05OLARA1 EVERLIGHT-EALP05OLARA1 Datasheet
432Kb / 11P
High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
High luminous intensity output
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
High luminous intensity output
logo
EHAOAN.
EH-B3A140-010G EHAOAN-EH-B3A140-010G Datasheet
2Mb / 6P
High Luminous Output
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com