전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F016D 데이터시트(PDF) 5 Page - Advanced Micro Devices

부품명 AM29F016D
상세설명  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016D 데이터시트(HTML) 5 Page - Advanced Micro Devices

  AM29F016D Datasheet HTML 1Page - Advanced Micro Devices AM29F016D Datasheet HTML 2Page - Advanced Micro Devices AM29F016D Datasheet HTML 3Page - Advanced Micro Devices AM29F016D Datasheet HTML 4Page - Advanced Micro Devices AM29F016D Datasheet HTML 5Page - Advanced Micro Devices AM29F016D Datasheet HTML 6Page - Advanced Micro Devices AM29F016D Datasheet HTML 7Page - Advanced Micro Devices AM29F016D Datasheet HTML 8Page - Advanced Micro Devices AM29F016D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
November 2, 2006 21444E6
Am29F016D
3
D A TA
SH EE T
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 7
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 8
Table 1. Am29F016D Device Bus Operations .................................. 8
Requirements for Reading Array Data ..................................... 8
Writing Commands/Command Sequences .............................. 8
Program and Erase Operation Status ...................................... 9
Standby Mode .......................................................................... 9
RESET#: Hardware Reset Pin ................................................. 9
Output Disable Mode................................................................ 9
Table 2. Sector Address Table........................................................ 10
Autoselect Mode..................................................................... 11
Table 3. Am29F016D Autoselect Codes (High Voltage Method).... 11
Sector Group Protection/Unprotection.................................... 11
Table 4. Sector Group Addresses................................................... 11
Temporary Sector Group Unprotect ....................................... 11
Figure 1. Temporary Sector Group Unprotect Operation............... 12
Hardware Data Protection ...................................................... 12
Low VCC Write Inhibit...................................................................... 12
Write Pulse “Glitch” Protection ........................................................ 12
Logical Inhibit .................................................................................. 12
Power-Up Write Inhibit .................................................................... 12
Common Flash Memory Interface (CFI) . . . . . . . 13
Table 5. CFI Query Identification String .......................................... 13
Table 6. System Interface String..................................................... 13
Table 7. Device Geometry Definition .............................................. 14
Table 8. Primary Vendor-Specific Extended Query ........................ 14
Command Definitions . . . . . . . . . . . . . . . . . . . . . 15
Reading Array Data ................................................................ 15
Reset Command..................................................................... 15
Autoselect Command Sequence ............................................ 15
Byte Program Command Sequence....................................... 15
Unlock Bypass Command Sequence.............................................. 16
Figure 2. Program Operation ......................................................... 16
Chip Erase Command Sequence ........................................... 16
Sector Erase Command Sequence ........................................ 17
Erase Suspend/Erase Resume Commands........................... 17
Figure 3. Erase Operation.............................................................. 18
Command Definitions ............................................................. 19
Table 9. Am29F016D Command Definitions................................... 19
Write Operation Status . . . . . . . . . . . . . . . . . . . . 20
DQ7: Data# Polling................................................................. 20
Figure 4. Data# Polling Algorithm ................................................. 20
RY/BY#: Ready/Busy#............................................................ 21
DQ6: Toggle Bit I .................................................................... 21
DQ2: Toggle Bit II ................................................................... 21
Reading Toggle Bits DQ6/DQ2............................................... 21
DQ5: Exceeded Timing Limits ................................................ 22
DQ3: Sector Erase Timer ....................................................... 22
Figure 5. Toggle Bit Algorithm....................................................... 22
Table 10. Write Operation Status................................................... 23
Absolute Maximum Ratings. . . . . . . . . . . . . . . . . 24
Figure 6. Maximum Negative Overshoot Waveform ..................... 24
Figure 7. Maximum Positive Overshoot Waveform....................... 24
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 24
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 25
TTL/NMOS Compatible .......................................................... 25
CMOS Compatible.................................................................. 25
Test Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 8. Test Setup..................................................................... 26
Table 11. Test Specifications ......................................................... 26
Key to Switching Waveforms. . . . . . . . . . . . . . . . 26
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 27
Read-only Operations............................................................. 27
Figure 9. Read Operation Timings ................................................ 27
Figure 10. RESET# Timings ......................................................... 28
Erase/Program Operations ..................................................... 29
Figure 11. Program Operation Timings......................................... 30
Figure 12. Chip/Sector Erase Operation Timings ......................... 31
Figure 13. Data# Polling Timings (During Embedded Algorithms) 32
Figure 14. Toggle Bit Timings (During Embedded Algorithms)..... 32
Figure 15. DQ2 vs. DQ6................................................................ 33
Figure 16. Temporary Sector Group Unprotect Timings ............... 33
Erase and Program Operations .............................................. 34
Alternate CE# Controlled Writes .................................................... 34
Figure 17. Alternate CE# Controlled Write Operation Timings ..... 35
Erase and Programming Performance . . . . . . . 36
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 36
TSOP and SO Pin Capacitance . . . . . . . . . . . . . . 36
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 37
TS 040—40-Pin Standard Thin Small Outline Package ......... 37
TS 048—48-Pin Standard Thin Small Outline Package ......... 38
SO 044—44-Pin Small Outline Package ................................ 39
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43