전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F800B 데이터시트(PDF) 42 Page - Advanced Micro Devices

부품명 AM29F800B
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B 데이터시트(HTML) 42 Page - Advanced Micro Devices

Back Button AM29F800B Datasheet HTML 36Page - Advanced Micro Devices AM29F800B Datasheet HTML 37Page - Advanced Micro Devices AM29F800B Datasheet HTML 38Page - Advanced Micro Devices AM29F800B Datasheet HTML 39Page - Advanced Micro Devices AM29F800B Datasheet HTML 40Page - Advanced Micro Devices AM29F800B Datasheet HTML 41Page - Advanced Micro Devices AM29F800B Datasheet HTML 42Page - Advanced Micro Devices AM29F800B Datasheet HTML 43Page - Advanced Micro Devices AM29F800B Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
40
Am29F800B
21504E5 November 2, 2006
D A TA SH EE T
PHYSICAL DIMENSIONS (continued)
FBB048—48-Ball Fine-Pitch Ball Grid Array (FBGA) 6 x 9 mm package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44