전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV200B 데이터시트(PDF) 45 Page - Advanced Micro Devices

부품명 AM29LV200B
상세설명  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200B 데이터시트(HTML) 45 Page - Advanced Micro Devices

Back Button AM29LV200B Datasheet HTML 38Page - Advanced Micro Devices AM29LV200B Datasheet HTML 39Page - Advanced Micro Devices AM29LV200B Datasheet HTML 40Page - Advanced Micro Devices AM29LV200B Datasheet HTML 41Page - Advanced Micro Devices AM29LV200B Datasheet HTML 42Page - Advanced Micro Devices AM29LV200B Datasheet HTML 43Page - Advanced Micro Devices AM29LV200B Datasheet HTML 44Page - Advanced Micro Devices AM29LV200B Datasheet HTML 45Page - Advanced Micro Devices AM29LV200B Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
October 10, 2006 21521D6
Am29LV200B
43
D A TA SH EE T
REVISION SUMMARY
Revision A (January 1998)
Initial release.
Revision B (July 1998)
Global
Expanded data sheet from Advanced Information to
Preliminary version.
Distinctive Characteristics
Changed “Manufactured on 0.35 µm process technology”
to “Manufactured on 0.32 µm process technology”.
General Description
Second paragraph: Changed “This device is manufac-
tured using AMD’s 0.35 µm process technology” to
“This device is manufactured using AMD’s 0.32 µm
process technology”.
Revision C (January 1999)
Global
Deleted the 80 ns speed option. Added the -50R and
-55R speed options.
Distinctive Characteristics
Added 20-year data retention subbullet.
Connection Diagrams
Reverse TSOP: Moved the circle marking to upper right
corner from the upper left corner, added an upside
down triangle marking to the upper left corner.
Ordering Information
Package Type: Added “S = 44-Pin Small Outline Package
(SO 044)”.
DC Characteristics—CMOS Compatible
ICC1, ICC2, ICC3, ICC4: Added Note “Maximum ICC spec-
ifications are tested with VCC = VCCmax.
AC Characteristics—Alternate CE# Controlled
Erase/Program Operations
Corrected speed options.
Erase and Programming Performance
Chip Erase Time: Changed Typical value to 5 s from
7 s.
Chip Programming Time: Changed Max value for Byte
Mode to 6.9 s from 6.8 s. Changed Max value for Word
Mode to 4.5 s from 4.3 s.
Note 2: Added “(3.0 V for regulated speed options)”.
Revision C+1 (March 27, 1999)
Ordering Information
Corrected the example part number to include the “R”
after “-50.”
Operating Ranges
The VCC supply voltage for regulated devices is 3.0–
3.6 V. The VCC supply voltage for full voltage range
devices is 2.7–3.6 V.
Revision C+2 (May 17, 1999)
Ordering Information
Boot Code Sector Architecture: Added “B = Bottom
Sector”.
Revision C+3 (June 1, 1999)
Physical Dimensions
TS 048: The drawing previously showed the TSR 048
package; now shows the proper package.
Revision C+4 (July 2, 1999)
Global
Deleted references to the 50R speed option.
Revision C+5 (August 25, 1999)
Ordering Information
Valid Combinations: Restored package options for
Am29LV200BT-70 and Am29LV200BB-70.
Revision D (November 18, 1999)
AC Characteristics—Figure 17. Program
Operations Timing and Figure 18. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D+1 (November 13, 2000)
Global
Added table of contents. Deleted burn-in option from
Ordering Information section.
Revision D+2 (April 12, 2002)
Global
Added FBA048 package.
Revision D+3 (June 11, 2004)
Ordering Information
Added Pb-free packages.
Revision D+4 (September 20, 2005)
Corrected Valid Combinations table.
Revision D+5 (January 4, 2006)
Removed TSR048 48-pin Reverse TSOP option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com