전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL400B 데이터시트(PDF) 43 Page - Advanced Micro Devices

부품명 AM29DL400B
상세설명  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400B 데이터시트(HTML) 43 Page - Advanced Micro Devices

Back Button AM29DL400B Datasheet HTML 39Page - Advanced Micro Devices AM29DL400B Datasheet HTML 40Page - Advanced Micro Devices AM29DL400B Datasheet HTML 41Page - Advanced Micro Devices AM29DL400B Datasheet HTML 42Page - Advanced Micro Devices AM29DL400B Datasheet HTML 43Page - Advanced Micro Devices AM29DL400B Datasheet HTML 44Page - Advanced Micro Devices AM29DL400B Datasheet HTML 45Page - Advanced Micro Devices AM29DL400B Datasheet HTML 46Page - Advanced Micro Devices AM29DL400B Datasheet HTML 47Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Am29DL400B
41
PHYSICAL DIMENSIONS*
TS 048—48-Pin Standard TSOP
* For reference only. BSC is an ANSI standard for Basic Space Centering
Dwg rev AA; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47