| 전자부품 데이터시트 검색엔진 |
|
AM29DL322DT90WDI 데이터시트(PDF) 39 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL322DT90WDI 데이터시트(HTML) 39 Page - Advanced Micro Devices |
|
39 / 56 page ![]() 38 Am29DL322D/323D/324D December 13, 2005 AC CHARACTERISTICS Read-Only Operations Notes: 1. Not 100% tested. 2. See Figure 11 and Table 16 for test specifications. Parameter Description Test Setup Speed Options JEDEC Std. 70R 90 120 Unit t AVAV t RC Read Cycle Time (Note 1) Min 70 90 120 ns t AVQV t ACC Address to Output Delay CE#, OE# = V IL Max 70 90 120 ns t ELQV t CE Chip Enable to Output Delay OE# = V IL Max 70 90 120 ns t GLQV t OE Output Enable to Output Delay Max 30 40 50 ns t EHQZ t DF Chip Enable to Output High Z (Note 1) Max 16 ns t GHQZ t DF Output Enable to Output High Z (Note 1) Max 16 ns t AXQX t OH Output Hold Time From Addresses, CE# or OE#, Whichever Occurs First Min 0 ns t OEH Output Enable Hold Time (Note 1) Read Min 0 ns Toggle and Data# Polling Min 10 ns tOH tCE Outputs WE# Addresses CE# OE# HIGH Z Output Valid HIGH Z Addresses Stable tRC tACC tOEH tRH tOE tRH 0 V RY/BY# RESET# tDF Figure 13. Read Operation Timings |