| 전자부품 데이터시트 검색엔진 |
|
AM29DL16XDT90VRF 데이터시트(PDF) 41 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XDT90VRF 데이터시트(HTML) 41 Page - Advanced Micro Devices |
|
41 / 57 page ![]() December 1, 2006 21533E5 Am29DL16xD 43 D A TA SH EET AC CHARACTERISTICS Erase and Program Operations Notes: 1. Not 100% tested. 2. See the “Erase And Programming Performance” section for more information. Parameter Speed Options JEDEC Std Description 70 80 90 120 Unit t AVAV t WC Write Cycle Time (Note 1) Min 70 80 90 120 ns t AVWL t AS Address Setup Time Min 0 ns t ASO Address Setup Time to OE# low during toggle bit polling Min 15151515 ns tWLAX tAH Address Hold Time Min 45454550 ns tAHT Address Hold Time From CE# or OE# high during toggle bit polling Min 0 ns t DVWH t DS Data Setup Time Min 35354550 ns t WHDX t DH Data Hold Time Min 0 ns t OEPH Output Enable High during toggle bit polling Min 20 20 20 20 ns tGHWL tGHWL Read Recovery Time Before Write (OE# High to WE# Low) Min 0 ns tELWL tCS CE# Setup Time Min 0 ns tWHEH tCH CE# Hold Time Min 0 ns tWLWH tWP Write Pulse Width Min 30 30 35 50 ns tWHDL tWPH Write Pulse Width High Min 30 30 30 30 ns tSR/W Latency Between Read and Write Operations Min 0 ns tWHWH1 tWHWH1 Programming Operation (Note 2) Byte Typ 5 µs Word Typ 7 t WHWH1 t WHWH1 Accelerated Programming Operation, Word or Byte (Note 2) Typ 4 µs t WHWH2 t WHWH2 Sector Erase Operation (Note 2) Typ 0.7 sec t VCS V CC Setup Time (Note 1) Min 50 µs t RB Write Recovery Time from RY/BY# Min 0 ns t BUSY Program/Erase Valid to RY/BY# Delay Max 90 ns |