| 전자부품 데이터시트 검색엔진 |
|
AM29DL16XDB120PCI 데이터시트(PDF) 31 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XDB120PCI 데이터시트(HTML) 31 Page - Advanced Micro Devices |
|
31 / 57 page ![]() December 1, 2006 21533E5 Am29DL16xD 33 D A TA SH EET RY/BY#: Ready/Busy# The RY/BY# is a dedicated, open-drain output pin which indicates whether an Embedded Algorithm is in progress or complete. The RY/BY# status is valid after the rising edge of the final WE# pulse in the command sequence. Since RY/BY# is an open-drain output, sev- eral RY/BY# pins can be tied together in parallel with a pull-up resistor to V CC. If the output is low (Busy), the device is actively eras- ing or programming. (This includes programming in the Erase Suspend mode.) If the output is high (Ready), the device is reading array data, the standby mode, or one of the banks is in the erase-sus- pend-read mode. Table 15 shows the outputs for RY/BY#. DQ6: Toggle Bit I Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algorithm is in progress or com- plete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read at any ad- dress, and is valid after the rising edge of the final WE# pulse in the command sequence (prior to the program or erase operation), and during the sector erase time-out. During an Embedded Program or Erase algorithm op- eration, successive read cycles to any address cause DQ6 to toggle. The system may use either OE# or CE# to control the read cycles. When the operation is complete, DQ6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6 tog- gles for approximately 100 µs, then returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. The system can use DQ6 and DQ2 together to deter- mine whether a sector is actively erasing or is erase-suspended. When the device is actively erasing (that is, the Embedded Erase algorithm is in progress), DQ6 toggles. When the device enters the Erase Sus- pend mode, DQ6 stops toggling. However, the system must also use DQ2 to determine which sectors are erasing or erase-suspended. Alternatively, the system can use DQ7 (see the subsection on DQ7: Data# Polling). If a program address falls within a protected sector, DQ6 toggles for approximately 1 μs after the program command sequence is written, then returns to reading array data. DQ6 also toggles during the erase-suspend-program mode, and stops toggling once the Embedded Pro- gram algorithm is complete. Table 15 shows the outputs for Toggle Bit I on DQ6. Figure 6 shows the toggle bit algorithm. Figure 22 in the “AC Characteristics” section shows the toggle bit timing diagrams. Figure 23 shows the differences be- tween DQ2 and DQ6 in graphical form. See also the subsection on DQ2: Toggle Bit II. START No Yes Yes DQ5 = 1? No Yes Toggle Bit = Toggle? No Program/Erase Operation Not Complete, Write Reset Command Program/Erase Operation Complete Read DQ7–DQ0 Toggle Bit = Toggle? Read DQ7–DQ0 Twice Read DQ7–DQ0 Note: The system should recheck the toggle bit even if DQ5 = “1” because the toggle bit may stop toggling as DQ5 changes to “1.” See the subsections on DQ6 and DQ2 for more information. Figure 6. Toggle Bit Algorithm |