전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F010B90DTC1 데이터시트(PDF) 12 Page - Advanced Micro Devices

부품명 AM29F010B90DTC1
상세설명  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B90DTC1 데이터시트(HTML) 12 Page - Advanced Micro Devices

Back Button AM29F010B90DTC1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 9Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 10Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 11Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 12Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 13Page - Advanced Micro Devices AM29F010B90DTC1 Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
10
Am29F010B Known Good Die
SU PP L E ME NT
REVISION SUMMARY
Revision A+1 (August 4, 2000)
Physical Specifications
Deleted Si from bond pad metalization specification.
Revision A+2 (June 27, 2001)
Added Penang, Malaysia, as a test facility (ACN 2016).
Publication Number 23479
Revision A (October 23, 2003)
Changed publication number for document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14