전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P320DB70RI 데이터시트(PDF) 8 Page - Advanced Micro Devices

부품명 P320DB70RI
상세설명  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

P320DB70RI 데이터시트(HTML) 8 Page - Advanced Micro Devices

Back Button P320DB70RI Datasheet HTML 4Page - Advanced Micro Devices P320DB70RI Datasheet HTML 5Page - Advanced Micro Devices P320DB70RI Datasheet HTML 6Page - Advanced Micro Devices P320DB70RI Datasheet HTML 7Page - Advanced Micro Devices P320DB70RI Datasheet HTML 8Page - Advanced Micro Devices P320DB70RI Datasheet HTML 9Page - Advanced Micro Devices P320DB70RI Datasheet HTML 10Page - Advanced Micro Devices P320DB70RI Datasheet HTML 11Page - Advanced Micro Devices P320DB70RI Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
6
Am29PL320D
June 13, 2005
CONNECTION DIAGRAMS
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory products
in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compromised
if the package body is exposed to temperatures above
150
°C for prolonged periods of time.
C1
D1
E1
F1
G1
H1
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ8
A15
NC
NC
DQ31/A-1
NC
NC
WE#
NC
NC
NC
NC
NC
WP#
ACC
NC
A12
A11
NC
DQ2
A0
A3
A2
A1
DQ21
A8
DQ5
DQ18
DQ16
DQ0
A5
A4
DQ6
DQ7
DQ4
DQ19
VSS
DQ1
VCC
VSS
VCC
DQ20
J1
J2
K2
J3
K3
J4
K4
J5
K5
J6
K6
A14
A13
NC
NC
A9
A10
A7
B7
C7
D7
E7
F7
G7
H7
A8
B8
C8
D8
E8
F8
G8
H8
VSS
DQ24
DQ11
DQ28
DQ29
DQ15
VSS
CE#
DQ25
A18
DQ10
VSS
DQ14
OE#
WORD#
NC
J7
K7
J8
K8
VCC
A19
A17
A16
B9
C9
D9
E9
F9
G9
H9
DQ26
VCC
DQ27
DQ12
DQ13
VCC
DQ30
J9
DQ9
A6
A7
DQ23
VSS
DQ22
DQ3
VCC
DQ17
84-Ball FBGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49