전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29PL320DB70RWPI 데이터시트(PDF) 45 Page - Advanced Micro Devices

부품명 AM29PL320DB70RWPI
상세설명  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL320DB70RWPI 데이터시트(HTML) 45 Page - Advanced Micro Devices

Back Button AM29PL320DB70RWPI Datasheet HTML 41Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 42Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 43Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 44Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 45Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 46Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 47Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 48Page - Advanced Micro Devices AM29PL320DB70RWPI Datasheet HTML 49Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
June 13, 2005
Am29PL320D
43
AC CHARACTERISTICS
Notes:
1. PA = program address, PD = program data, DQ7# = complement of the data written to the device, DOUT = data written to the
device.
2. Figure indicates the last two bus cycles of the command sequence.
3. Word mode address used as an example.
tGHEL
tWS
OE#
CE#
WE#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tWHWH1 or 2
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
Figure 22.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49