| 전자부품 데이터시트 검색엔진 |
|
L652DU12RI 데이터시트(PDF) 36 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
L652DU12RI 데이터시트(HTML) 36 Page - Advanced Micro Devices |
|
36 / 54 page ![]() 34 Am29LV652D 24961A5 May 5, 2006 D A TA SH EE T Table 11. Write Operation Status Notes: 1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. Refer to the section on DQ5 for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. Status DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle 0 Erase Suspend Mode Erase-Suspend- Read Erase Suspended Sector 1 No toggle 0 N/A Toggle 1 Non-Erase Suspended Sector Data Data Data Data Data 1 Erase-Suspend-Program DQ7# Toggle 0 N/A N/A 0 |