전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV256MH113REF 데이터시트(PDF) 55 Page - Advanced Micro Devices

부품명 AM29LV256MH113REF
상세설명  256 Megabit (16 M x 16-Bit/32 M x 8-Bit) MirrorBitTM 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/OTM Control
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV256MH113REF 데이터시트(HTML) 55 Page - Advanced Micro Devices

Back Button AM29LV256MH113REF Datasheet HTML 51Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 52Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 53Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 54Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 55Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 56Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 57Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV256MH113REF Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
December 16, 2005
Am29LV256M
53
D A TA SH EE T
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
tPOLL
Notes:
1. PA = program address, PD = program data, D
OUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 16.
Program Operation Timings
ACC
tVHH
VHH
VIL or VIH
VIL or VIH
tVHH
Figure 17.
Accelerated Program Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69