전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41000000G 데이터시트(PDF) 42 Page - Advanced Micro Devices

부품명 M41000000G
상세설명  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000000G 데이터시트(HTML) 42 Page - Advanced Micro Devices

Back Button M41000000G Datasheet HTML 38Page - Advanced Micro Devices M41000000G Datasheet HTML 39Page - Advanced Micro Devices M41000000G Datasheet HTML 40Page - Advanced Micro Devices M41000000G Datasheet HTML 41Page - Advanced Micro Devices M41000000G Datasheet HTML 42Page - Advanced Micro Devices M41000000G Datasheet HTML 43Page - Advanced Micro Devices M41000000G Datasheet HTML 44Page - Advanced Micro Devices M41000000G Datasheet HTML 45Page - Advanced Micro Devices M41000000G Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
August 19, 2002
Am41DL6408G
41
P R E L I M INARY
AC CHARACTERISTICS
SRAM CE#s Timing
Figure 13.
Timing Diagram for Alternating Between SRAM to Flash
Parameter
Description
Test Setup
All Speeds
Unit
JEDEC
Std
—t
CCR
CE#s Recover Time
—
Min
0
ns
CE#f
tCCR
tCCR
CE1#s
CE2s
tCCR
tCCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63