| 전자부품 데이터시트 검색엔진 |
|
AM29LV065MU120REF 데이터시트(PDF) 57 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV065MU120REF 데이터시트(HTML) 57 Page - Advanced Micro Devices |
|
57 / 62 page ![]() September 12, 2006 Am29LV065MU 55 DA TA SH EET TSOP PIN AND BGA PACKAGE CAPACITANCE Notes: 1. Sampled, not 100% tested. 2. Test conditions T A = 25°C, f = 1.0 MHz. DATA RETENTION Parameter Symbol Parameter Description Test Setup Typ Max Unit C IN Input Capacitance V IN = 0 TSOP 6 7.5 pF BGA 4.2 5.0 pF C OUT Output Capacitance V OUT = 0 TSOP 8.5 12 pF BGA 5.4 6.5 pF C IN2 Control Pin Capacitance V IN = 0 TSOP 7.5 9 pF BGA 3.9 4.7 pF Parameter Description Test Conditions Min Unit Minimum Pattern Data Retention Time 150 °C10 Years 125 °C20 Years |