전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV128ML93RPCI 데이터시트(PDF) 66 Page - Advanced Micro Devices

부품명 AM29LV128ML93RPCI
상세설명  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML93RPCI 데이터시트(HTML) 66 Page - Advanced Micro Devices

Back Button AM29LV128ML93RPCI Datasheet HTML 58Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 59Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 60Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 61Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 62Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 63Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 64Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 65Page - Advanced Micro Devices AM29LV128ML93RPCI Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 66 / 66 page
background image
66
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
Revision C+3 (February 27, 2004)
Global
Changed Datasheet to Advanced Information.
Table 1, Device Bus Operations
Modified ACC column to replace instances of X to L/H.
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected at the Factory
Removed second paragraph.
Enter Secured Silicon Sector/Exit Secured Silicon
Sector Command Sequence
Added (write buffer) to last sentence of first paragraph.
Write Buffer Programming
Removed last paragraph.
Table 10 & Table 11, Command Definitions
Replaced the Addr information for both Program/Erase
Suspend and Program/Erase Resume from BA to
XXX.
Erase Suspend/Erase Resume Commands
Added note on flash device performance during
suspend/erase mode.
AC Characteristics - Erase and Program
Operations
Added t
POLL information.
Added notation referencing superceding documenta-
tion.
Revision C+4 (October 26, 2004)
Added Pb free options to the ordering information and
valid combinations table.
Revision C+5 (January 11, 2005)
Changed notation referencing superceding documentation.
Revision C+6 (October 28, 2005)
This product has been retired and is not recom-
mended for designs. For new and current designs,
S29GL256N supersedes Am29LV128MH/L and is the
factory-recommended migration path. Please refer to
the S29GL256N datasheet for specifications and or-
dering information. Availability of this document is re-
tained for reference and historical purposes only.
Revision C7 (January 31, 2007)
Global
Removed Preliminary designation from document.
Changed SecSi Sector to Secured Silicon Sector.
Erase and Program Operations table
Changed t
BUSY to a maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion LLC will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2001–2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.
Copyright © 2005–2007 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations
thereof are trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66