전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41000002R 데이터시트(PDF) 65 Page - Advanced Micro Devices

부품명 M41000002R
상세설명  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002R 데이터시트(HTML) 65 Page - Advanced Micro Devices

Back Button M41000002R Datasheet HTML 58Page - Advanced Micro Devices M41000002R Datasheet HTML 59Page - Advanced Micro Devices M41000002R Datasheet HTML 60Page - Advanced Micro Devices M41000002R Datasheet HTML 61Page - Advanced Micro Devices M41000002R Datasheet HTML 62Page - Advanced Micro Devices M41000002R Datasheet HTML 63Page - Advanced Micro Devices M41000002R Datasheet HTML 64Page - Advanced Micro Devices M41000002R Datasheet HTML 65Page - Advanced Micro Devices M41000002R Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
64
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
REVISION SUMMARY
Revision A (October 25, 2001)
Initial release.
Revision A+1 (September 5, 2002)
Connection Diagram
Replaced the Special Handling Instructions for FBGA
Package.
Command Definitions
Modified the last sentence in the first paragraph of the
Command Definitions section.
Table 11. Bottom Boot Sector/Sector Block Ad-
dresses for Protection/Unprotection
Added bottom boot table.
Common Flash Interface
Change last sentence in third paragraph to read:
“...reading array data.”
Figure 30. SRAM Write Cycle—WE# Control
Changed t
BW to TWHZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66