전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L800BT90VC 데이터시트(PDF) 47 Page - Advanced Micro Devices

부품명 L800BT90VC
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

L800BT90VC 데이터시트(HTML) 47 Page - Advanced Micro Devices

Back Button L800BT90VC Datasheet HTML 41Page - Advanced Micro Devices L800BT90VC Datasheet HTML 42Page - Advanced Micro Devices L800BT90VC Datasheet HTML 43Page - Advanced Micro Devices L800BT90VC Datasheet HTML 44Page - Advanced Micro Devices L800BT90VC Datasheet HTML 45Page - Advanced Micro Devices L800BT90VC Datasheet HTML 46Page - Advanced Micro Devices L800BT90VC Datasheet HTML 47Page - Advanced Micro Devices L800BT90VC Datasheet HTML 48Page - Advanced Micro Devices L800BT90VC Datasheet HTML 49Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
45
Am29LV800B
PHYSICAL DIMENSIONS
SO 044—44-Pin Small Outline Package
Dwg rev AC; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49