| 전자부품 데이터시트 검색엔진 |
|
M420000007 데이터시트(PDF) 72 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
M420000007 데이터시트(HTML) 72 Page - Advanced Micro Devices |
|
72 / 128 page ![]() February 6, 2004 Am42DL16x2D 7 CONNECTION DIAGRAM Special Handling Instructions for FBGA Package Special handling is required for Flash Memory prod- ucts in FBGA packages. Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The package and/or data integrity may be compro- mised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. A7 A3 A2 NC NC NC NC NC DQ8 DQ14 CE1#s LB#s WP#/ACC WE# A8 A11 B3 B1 B4 B5 B6 B7 B8 A6 UB#s RESET# CE2s A19 A12 A15 C2 C3 C4 C5 C6 C7 C8 C9 A5 A18 RY/BY# NC A9 A13 NC D2 D3 D4 D5 D6 D7 D8 D9 A1 A4 A17 A10 A14 NC E1 E10 E2 E3 E4 E7 E8 E9 VSS DQ1 A0 DQ6 NC A16 F1 F10 F3 F4 F2 F7 F8 F9 CE#f DQ0 OE# DQ9 DQ3 DQ4 DQ13 DQ15/A-1 CIOf G2 G3 G4 G5 G6 G7 G8 G9 DQ10 VCCf VCCs DQ12 DQ7 VSS H2 H3 H4 H5 H6 H7 H8 H9 DQ2 DQ11 NC DQ5 J3 J8 J4 J5 J7 NC NC NC A1 A5 A6 NC A10 NC NC NC K1 K5 K6 NC K10 J6 SRAM only Shared Flash only 69-Ball FBGA Top View |