전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29PDL128G30PEE 데이터시트(PDF) 59 Page - Advanced Micro Devices

부품명 AM29PDL128G30PEE
상세설명  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G30PEE 데이터시트(HTML) 59 Page - Advanced Micro Devices

Back Button AM29PDL128G30PEE Datasheet HTML 55Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 56Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 57Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 58Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 59Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 60Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 61Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 62Page - Advanced Micro Devices AM29PDL128G30PEE Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
58
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Notes:
1. PA = program address, PD = program data, D
OUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 17.
Program Operation Timings
WP#/ACC
tVHH
VHH
VIL or VIH
VIL or VIH
tVHH
Figure 18.
Accelerated Program Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71