전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29PDL128G35PEF 데이터시트(PDF) 10 Page - Advanced Micro Devices

부품명 AM29PDL128G35PEF
상세설명  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G35PEF 데이터시트(HTML) 10 Page - Advanced Micro Devices

Back Button AM29PDL128G35PEF Datasheet HTML 6Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 7Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 8Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 9Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 10Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 11Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 12Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 13Page - Advanced Micro Devices AM29PDL128G35PEF Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
October 28, 2004
Am29PDL128G
9
P R E L IM IN A R Y
PIN DESCRIPTION
A21–A0
=
22 Addresses
DQ30–DQ0 =
31 Data Inputs/Outputs
DQ31/A-1
=
DQ31 (Data Input/Output, double
word mode), A-1 (LSB Address In-
put, word mode)
CE#
=
Chip Enable
OE#
=
Output Enable
WE#
=
Write Enable
WP#
=
Hardware Write Protect Input
ACC
=
Acceleration Input
RESET#
=
Hardware Reset Pin, Active Low
WORD#
=
Word Enable Input
At V
IL, selects 16-bit mode,
At V
IH, selects 32-bit mode
RY/BY#
=
Ready/Busy Output
V
CC
=
3.0 Volt-only Single Power Supply
(see Product Selector Guide for
speed options and voltage supply
tolerances)
V
IO
=
Output Buffer Power Supply
V
SS
=
Device Ground
NC
=
Pin Not Connected Internally
RFU
=
Reserved for Future Use
LOGIC SYMBOL
22
32 or 16
DQ31–DQ0
(A-1)
A21–A0
CE#
OE#
WE#
RESET#
WORD#
RY/BY#
ACC
WP#
V
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71