전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M42000002V 데이터시트(PDF) 45 Page - Advanced Micro Devices

부품명 M42000002V
상세설명  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000002V 데이터시트(HTML) 45 Page - Advanced Micro Devices

Back Button M42000002V Datasheet HTML 41Page - Advanced Micro Devices M42000002V Datasheet HTML 42Page - Advanced Micro Devices M42000002V Datasheet HTML 43Page - Advanced Micro Devices M42000002V Datasheet HTML 44Page - Advanced Micro Devices M42000002V Datasheet HTML 45Page - Advanced Micro Devices M42000002V Datasheet HTML 46Page - Advanced Micro Devices M42000002V Datasheet HTML 47Page - Advanced Micro Devices M42000002V Datasheet HTML 48Page - Advanced Micro Devices M42000002V Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
44
Am42DL6404G
March 20, 2002
PR ELI M I NARY
FLASH AC CHARACTERISTICS
OE#
WE#
CE#f
VCCf
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tGHWL
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Notes:
1. PA = program address, PD = program data, D
OUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 18.
Program Operation Timings
WP#/ACC
tVHH
VHH
VIL or VIH
VIL or VIH
tVHH
Figure 19.
Accelerated Program Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com