전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBV-060S024SV 데이터시트(PDF) 6 Page - Inventronics Inc.

부품명 EBV-060S024SV
상세설명  60W Constant Voltage IP67 Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INVENTRONICS [Inventronics Inc.]
홈페이지  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-060S024SV 데이터시트(HTML) 6 Page - Inventronics Inc.

Back Button EBV-060S024SV Datasheet HTML 2Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 3Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 4Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 5Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 6Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 7Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 8Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 9Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 10Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 / 10
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
60W Constant Voltage IP67 Driver
EBV-060SxxxSV
Rev. C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Power Factor
Total Harmonic Distortion
Protection Functions
Parameter
Notes
Over Current Protection
Auto Recovery. The driver shall be self-recovery when the fault condition is removed.
Over Voltage Protection
Limits output voltage at no load and in case the normal voltage limit fails.
Short Circuit Protection
Auto Recovery. No damage will occur when any output is short circuited. The output
shall return to normal when the fault condition is removed.
Over Temperature Protection
Auto Recovery. Returning to normal after over temperature is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com