전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EBV-060S024SVF 데이터시트(PDF) 4 Page - Inventronics Inc.

부품명 EBV-060S024SVF
상세설명  60W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INVENTRONICS [Inventronics Inc.]
홈페이지  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-060S024SVF 데이터시트(HTML) 4 Page - Inventronics Inc.

  EBV-060S024SVF Datasheet HTML 1Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 2Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 3Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 4Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 5Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 6Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 7Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 / 8
Specifications are subject to changes without notice.
60W Constant Voltage IP67 Driver
EBV-060SxxxSVF
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Derating
Lifetime vs. Case Temperature



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com