전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL320GT90WMFN 데이터시트(PDF) 43 Page - Advanced Micro Devices

부품명 AM29DL320GT90WMFN
상세설명  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL320GT90WMFN 데이터시트(HTML) 43 Page - Advanced Micro Devices

Back Button AM29DL320GT90WMFN Datasheet HTML 39Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 40Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 41Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 42Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 43Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 44Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 45Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 46Page - Advanced Micro Devices AM29DL320GT90WMFN Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Am29DL320G
41
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Notes:
1. PA = program address, PD = program data, D
OUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 18.
Program Operation Timings
WP#/ACC
tVHH
VHH
VIL or VIH
VIL or VIH
tVHH
Figure 19.
Accelerated Program Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58