전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV640MB110REF 데이터시트(PDF) 65 Page - Advanced Micro Devices

부품명 AM29LV640MB110REF
상세설명  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640MB110REF 데이터시트(HTML) 65 Page - Advanced Micro Devices

Back Button AM29LV640MB110REF Datasheet HTML 58Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 59Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 60Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 61Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 62Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 63Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 64Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 65Page - Advanced Micro Devices AM29LV640MB110REF Datasheet HTML 66Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
63
D A TA
SH EET
Word/Byte Configuration
Changed BYTE# Switching Low to Output High Z
Speed Options from 30 ns to 16 ns.
Customer Lockable: Secured Silicon Sector NOT
Programmed or Protected at the factory.
Added second bullet, Secured Silicon sector-protect.
Revision C+1 (February 16, 2003)
Distinctive Characteristics
Corrected performance characteristics.
Product Selector Guide
Added note 2.
Connection Diagrams
Changed pin F1 to NC.
Ordering Information
Corrected Valid Combinations table.
Added Note.
AC Characteristics
Removed 93, 93R speed option.
Added Note
Input values in the t
WHWH1 and tWHWH2 parameters in
the Erase and Program Options table that were previ-
ously TBD. Also, added note 5.
Input values in the t
WHWH1 and tWHWH2 parameters in
the Alternate CE# Controlled Erase and Program Op-
tions table that were previously TBD. Also, added note
5.
Erase and Programming Performance
Input values into table that were previously TBD.
Added note 3 and 4
Revision C+2 (June 12, 2003)
Ordering Information
Added 90R speed grade.
Erase and Programming Performance
Modified table and notes, inserted values for Typical.
Revision C+3 (February 12, 2004)
Erase Suspend/Erase Resume Commands
Added note reference to erase operation.
Table 12 & Table 13: Command Definitions
Modified the Addr information for both Program/Erase
Suspend and Program/Erase Resume from BA to
XXX.
AC Characteristics - Erase and Program
Operations, and Alternate CE# Controlled Erase
and Program Operations
Added t
POLL information.
AC Characteristics Figures - Program Operation
Timings, Data# Polling Timings (During Embedded
Algorithms, and Alternate CE# Controlled Write
(Erase/Program) Operation Timings
Updated figures with t
POLL information.
Revision C+4 (August 19, 2004)
Added Max programming specifications.
Cover sheet and Title page
Added notation referencing superseding documenta-
tion.
Revision C+5 (November5, 2004)
Ordering Information and Valid Combinations
Added Pb-Free options
Revision C+6 (December 7, 2004)
Coversheet and Title page
Added notation referencing superseding documenta-
tion.
Revision C+7 (December 13, 2005)
Global
This product has been retired and is not available for
designs. For new and current designs, S29GL064A
supersedes Am29LV640MT/B and is the factory-rec-
ommended migration path. Please refer to the
S29GL064A datasheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.
Revision C8 (February 1, 2007)
Global
Changed SecSi Sector to Secured Silicon Sector.
AC Characteristics
Erase and Program Operations table: Changed t
BUSY
to a maximum specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66