| 전자부품 데이터시트 검색엔진 |
|
ADA3200DEP3AP 데이터시트(PDF) 15 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DEP3AP 데이터시트(HTML) 15 Page - Advanced Micro Devices |
|
15 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 15 AMD Athlon™ 64 Processor The notes for this table appear on page 29. Parameter/OPN Notes Model Number CPUID 8000_0001h EBX [11:6] (BrandID) 1 CPUID 8000_0001h EAX [31:0] (CPUID) 1 FID/VID Status MaxVID Field 2 FID/VID Status MaxFID Field 2 FID/VID Status StartVID Field 2 FID/VID Status StartFID Field 2 L2 Cache Size Max HyperTransport™ Frequency Max P-State VID Code VID_VDD 3 Thermal Design Power 4 Intermediate P-State #1 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #2 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #3 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #4 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #5 5 VID Code / VID_VDD 3 Thermal Design Power 4 Intermediate P-State #6 5 VID Code / VID_VDD 3 Thermal Design Power 4 Min P-State VID Code / VID_VDD 3 Thermal Design Power 4 ADA2800AEP4AX 2800+ 04h 00000FC0h 00h 0Ah 02h 0Ah 512 KB 800 MHz 1800 MHz 89.0 W 02h 1.500 V N/A N/A N/A N/A N/A N/A 1000 MHz 12h 1.100 V 22.0 W ADA3000AEP4AX 3000+ 04h 00000FC0h 00h 0Ch 02h 0Ch 512 KB 800 MHz 2000 MHz 89.0 W 02h 1.500 V 1800 MHz 06h 1.400 V 67.0 W N/A N/A N/A N/A N/A 1000 MHz 12h 1.100 V 22.0 W ADA3200AEP4AX 3200+ 04h 00000FC0h 00h 0Eh 02h 0Eh 512 KB 800 MHz 2200 MHz 89.0 W 02h 1.500 V 2000 MHz 06h 1.400 V 69.0 W 1800 MHz 0Ah 1.300 V 50.0 W N/A N/A N/A N/A 1000 MHz 12h 1.100 V 22.0 W |