전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29DL320GT40PCFN 데이터시트(PDF) 52 Page - Advanced Micro Devices

부품명 AM29DL320GT40PCFN
상세설명  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL320GT40PCFN 데이터시트(HTML) 52 Page - Advanced Micro Devices

Back Button AM29DL320GT40PCFN Datasheet HTML 48Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 49Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 50Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 51Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 52Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 53Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 54Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 55Page - Advanced Micro Devices AM29DL320GT40PCFN Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
50
Am29DL320G
PHYSICAL DIMENSIONS
FBD063—63-ball Fine-Pitch Ball Grid Array (FBGA) 8 x 14 mm
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58