| 전자부품 데이터시트 검색엔진 |
|
ADA3200AIP4AP 데이터시트(PDF) 55 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP4AP 데이터시트(HTML) 55 Page - Advanced Micro Devices |
|
55 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 55 AMD Athlon™ 64 FX Processor 1 CPUID extended function 8000_0001h fields are used by BIOS in uniquely associating a given p rocessor to the P- states that are valid for that p rocessor. Refer to the BIOS and Kernel Develop er’s Guide for AM D Athlon™ 64 and AM D Op teron™ Processors, order# 26094. 2 FIDVID Status Register, M SR C001_0042h. 3 The VID_VDD voltage is the VID[4:0] requested VDD sup p ly level. Refer to the ap p rop riate functional data sheet for details. 4 Thermal Design Power (TDP) is measured under the conditions of Tcase M ax, IDD M ax, and VDD=VID_VDD, and include all p ower dissip ated on-die from VDD, VDDIO, VLDT, VTT, and VDDA. 5 Imp lementation of this P-state is op tional in BIOS. 6 StartVID and M axVID are p rogrammed during device manufacturing with p art-sp ecific values for Rev E and later p rocessors, and can have one or more valid op tions. All valid op tions for StartVID, M axVID, and VID_VDD will be sp ecified for the corresp onding OPN. For information on the relationship of StartVID and M axVID to VID_VDD refer to the BIOS and Kernel Develop er’s Guide for AM D Athlon™ 64 and AM D Op teron™ Processors, order# 26094. Contact y our FAE for more info on TDP sp ecifications. 7 Thermal Design Power (TDP) sp ecifications for dual core p rocessors assume equivalent P-states (Voltage and frequency ) and equivalent Tcase conditions for both cores. Refer to the BIOS and Kernel Develop er’s Guide for AM D Athlon™ 64 and AM D Op teron™ Processors, order# 26094, for details on P-state op eration for dual core processors. Notes: |